PART |
Description |
Maker |
FEHV-SERIES FEHV-6B FEHV-6X FEHV-6Z FEHV-20B FEHV- |
High Attenuation Chassis Panel Mounting Single Phase (6-30A) filter For Single Phase Frecuency Inverters
|
PREMO CORPORATION S.L
|
FRR-XX |
EMC Filters - Single-Phase Filters - FR/FRR Single Phase Chasis Panel Mounting
|
Premo
|
1106A 1106FA 1106UFA 1102FA 1102A 1102UFA 1110A 11 |
200 V - 1,000 V Single Phase Bridge 1.4 A - 1.5 A Forward Current 70 ns - 3000 ns Recovery Time 200 V - 1000 V Single Phase Bridge
|
VMI[Voltage Multipliers Inc.] ETC[ETC]
|
VBO36-12NO8 VBO20-16NO2 VBE20-20NO1 FBO40-12N VBO6 |
3 PHASE, 30 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE 31 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED) 20 A, 2000 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridgein ISOPLUS i4-PAC-TM 40 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge 65 A, 1800 V, SILICON, BRIDGE RECTIFIER DIODE
|
IXYS, Corp. IXYS CORP
|
CM30MD3-12H |
CI Module Single Phase Converter Three Phase Inverter 30 Amperes/600 Volts
|
POWEREX[Powerex Power Semiconductors]
|
PSB71F-06 PSB71F04 PSB71F06 |
Single Phase Rectifier Bridge Single Phase Rectifier Bridge with fast Recovery Epitaxial Diode (FRED)
|
Powersem GmbH
|
NJU7328 NJU7328RB1 |
Wrist Strap Ground Cord, 5 ft. Coiled, 4 mm Snap End SINGLE PHASE DC BRUSHLESS MOTOR DRIVER IC From old datasheet system Single-phase DC Brushless Motor Driver IC
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
5500.2058 |
Single Phase RFI Line Filter; Mounting Type: Chassis Module; Voltage Rating: 250V; Current Rating: 3A; Leakage Current Rating: 0.5 mA 250 V, 50 HZ, SINGLE PHASE EMI FILTER
|
SCHURTER AG
|
KBPC15005 MB1510 KBPC1510MB1510 MB158 KBPC15005MB1 |
SINGLE - PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 15Amperes)
|
Wing Shing Computer Com... WINGS[Wing Shing Computer Components] Wing Shing Computer Compone...
|
5500.2029 5500.2028 5500.2027 5500.2026 5500.2030 |
AC Filter Cost Optimized Single Phase RFI Line Filter; Mounting Type: Chassis Module; Voltage Rating: 250V; Current Rating: 4A; Leakage Current Rating: 0.1 mA 250 V, 50 HZ, SINGLE PHASE EMI FILTER
|
Schurter Inc. SCHURTER AG
|
FBO16-12N |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges Single Phase Rectifier Bridge in ISOPLUS i4-PAC
|
IXYS[IXYS Corporation]
|
105 306 106 102 108 308 302 303 103 104 304 109 30 |
MOTOR B56 FRAME 1 PHASE 0.37KW Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset MOTOR B56 FRAME 1 PHASE 0.25KW SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits MOTOR B56 FRAME 3 PHASE 0.25KW MOTOR B56 FRAME 1 PHASE 0.55KW MOTOR B56 FRAME 1 PHASE 0.75KW MOTOR B56 FRAME 3 PHASE 0.75KW MOTOR B56 FRAME 3 PHASE 0.55KW MOTOR B56 FRAME 1 PHASE 0.18KW Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 电机6相功.37KW
|
Bud Industries, Inc.
|